PART |
Description |
Maker |
JCO924 JCO926-3.3V |
Voltage Control Crystal Oscillator
|
Jauch Quartz Gmbh
|
ALVD |
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
|
ABRACON[Abracon Corporation]
|
SSC1000-25-12 SSC800-25-24 |
Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:1000VDC; Control Voltage Max:16VDC; Control Voltage Min:8VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):12 Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:800VDC; Control Voltage Max:28VDC; Control Voltage Min:20VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):24
|
CRYDOM CORP
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
2SA1384 E000523 |
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS) HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC2551 E000732 |
HIGHT VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY From old datasheet system TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
AY0438 AY0438IS AY0438IL AY0438IP AY0438-L AY0438- |
32-Segment CMOS LCD Driver 32段LCD驱动器的CMOS The AY0438 is a CMOS integrated device that drives a liquid crystal display, usually under microprocessor control. The part acts as a smart peripheral that drives up to 32 LCD segments. It needs only three control lines due to its serial i The AY0438 is a CMOS integrated device that drives a liquid crystal display, usually under microprocessor control. The part acts ...
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
M521 |
Positive Voltage Control of GaAs MMIC Control Devices
|
M/A-COM Technology Solutions, Inc.
|
LC7536R |
High Breakdown Voltage Serial Control Electronic Volume Control(高击穿电压串行数据控制电子音量控 高击穿电压串行控制电子音量控制(高击穿电压串行数据控制电子音量控制) CMOS LSI
|
Sanyo Electric Co., Ltd.
|
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
2SA1432 |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE (PCT PROCESS) HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS.
|
TOSHIBA
|
TA8184F TA8184P E003723 |
From old datasheet system DUAL CHANNEL VOLTAGE / TONE CONTROL IC DUAL CHANNEL VOLTAGE/TONE CONTROL IC 双通道的电音调控制集成电路
|
Toshiba Corporation Toshiba Semiconductor Toshiba, Corp.
|